Part Number Hot Search : 
HIN202IB K1100BAC CYPRESS 100336 OP14CP 1346586 ST647000 A2727
Product Description
Full Text Search
 

To Download ADC402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  adc400 series vdc vdc % typ. % max. adc401 5 66 10 ADC402 12 66 8 adc403 15 66 8 adc404 5 66 10 adc405 12 72 8 adc406 15 73 8 adc411 5 66 10 adc412 12 66 8 adc413 15 66 8 adc414 5 66 10 adc415 12 74 8 adc416 15 75 8 pin singles duals 1 +vin +vin 2 -vin -vin 5 -vout -vout 6 no pin common 7 +vout +vout tolerance millimeters inches x.x0.25 x.xx0.01 x.xx0.13 x.xxx0.005 pin 0.05 0.002 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com mps industries adc400 1w dc/dc's are specially designed to provide ultra-high levels of isolation 6000vdc in a miniature sip package. the series consists of 12 models with input voltages of 5v and 12vdc which offers standard output voltages of 5v, 12v, 15vdc in both single and dual output configurations. the adc400 series is an excellent selection for a variety of applications including distributed power systems, mixed analog/digital subsystems, portable test equipments, local power networks and battery backed systems. 3.9g (0.14oz) case size ? pin connections mechanical dimensions tel: (310) 533-1455 fax: (310) 533-1853 weight ? 1w, ultra-high isolation sip, single & dual output dc/dc converters 22.0x7.5x12.5mm (0.87x0.30x0.49inch) case material ? non-conductive black plastic 40 ma 200 80 35 200 80 65 100 65 100 5 (4.5 - 5.5) 12 (10.8 - 13.2) key features ? efficiency up to 75% ? 6000vdc isolation ? mtbf > 2,000,000 hours ? internal smd construction ? industry standard pin-out ? input 5 and 12vdc ? output 5, 12, 15, 5, 12 and 15vdc ? temperature performance -25c to +70c ? ul 94v-0 package material ? low cost selection guide model number input voltage output voltage efficiency load regulation output current 40 35 1 2 . 5 [ 0 . 4 9 ] 3 . 5 [ 0 . 1 4 ] 3.5 [0.14] 2 . 0 [ 0 . 0 8 ] 7 . 5 [ 0 . 3 0 ] 21.0 [0.83] 12 7 56 0.50 [0.020] 0 . 5 [ 0 . 0 2 ] 22.0 [0.87] 2.54 [0.100] 0 . 2 5 [ 0 . 0 1 0 ]
adc400 series min. max. units parameter min. typ. max. units 5vdc input models -0.7 9 vdc isolation voltage 6000 --- --- vdc 12vdc input models -0.7 18 vdc isolation resistance 10 --- --- g ? --- 260 c isolation capacitance --- 15 20 pf --- 650 mw switching frequency 50 80 100 khz parameter conditions min. max. units parameter min. typ. max. units operating temperature ambient -25 70 c line regulation --- 1.2 1.5 % operating temperature case -25 90 c load regulation % storage temperature -40 125 c ripple & noise --- 100 150 mv p-p humidity --- 95 % short circuit cooling units uf 2463 208th street, ste. 205 http://www.mpsind.com torrance, ca 90501 e-mail: sales@mpsind.com tel: (310) 533-1455 fax: (310) 533-1853 --- mhrs environmental characteristics free-air convection output characteristics see selection guide 0.5 second max. 1w, ultra-high isolation sip, single & dual output dc/dc converters absolute maximum ratings parameter input surge voltage (1000ms) conditions 60 seconds 500vdc general characteristics lead temperature (1.5mm from case for 10sec.) internal power dissipation exceeding the unit absolute maximum ratings could cause damage. these are not continuous operating ratings. --- 100khz, 1v 20mhz bw mtbf 2 maximum capacitive load mil-hdbk-217f @25c ground benign conditions for vin change of 1% io = 20% to 100% models by output voltage (each output on duals) notes: 1. specifications typical at ta=+25c, resistive load, nominal input voltage, rated output current unless otherwise noted. 2. these power converters require a minimum output load to maintain specified regulation. 3. operation under no-load conditions will not damage these modules; however, they may not meet all specifications listed. 4. all dc/dc converters should be externally fused at the front end for protection. 5. other input and output voltage may be available, please contact factory. 6. all specifications subject to change without notice. 7. for detailed data sheet, please visit our website. derating curve singles duals 680 220 ?? ] ambient temperature output power (%) 0 20 40 60 80 100 -25 50 60 80 100 110 90 70 400lfm 200lfm 100lfm natural convection


▲Up To Search▲   

 
Price & Availability of ADC402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X